|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
august 2006 rev 1 1/10 t1635h series snubberless? high temperature 16 a triacs main features description specifically designed to operate at 150 c, the new 16 a t1635h triacs provide an enhanced performance in terms of power loss and thermal dissipation. this facilitates the optimization of heatsink dimensioning, l eading to improved space and cost effectiveness when compared to electro- mechanical solutions. based on st snubberless? technology, the t1635h series offers high commutation switching capabilities and high noise immunity levels on the full range of t j . the t1635h series facilitat es the optimization of the control of universal motors and inductive loads found in appliances such as vacuum cleaners, and washing machines. the t1635h triacs are also suitable for use in high temperature environment found in hot appliances such as cookers, ovens, hobs, electric heaters, and coffee machines. order code tm: snubberless is a trademark of stmicroelectronics symbol value unit i t(rms) 16 a v drm /v rrm 600 v i gt (q1) 35 ma part number marking t1635h-600g t1635h-600g T1635H-600G-TR t1635h-600g t1635h-600trg t1635h-600t t1635h-600irg t1635h-600i a2 a2 a1 g a2 a2 a1 g a2 a1 g a2 a1 g to-220ab insulated t1635h-i d 2 pak t1635h-g to-220ab t1635h-t www.st.com obsolete product(s) - obsolete product(s)
characteristics t1635h series 2/10 1 characteristics table 1. absolute maximum ratings symbol parameter value unit i t(rms) rms on-state current (full sine wave) d 2 pa k to-220ab t c = 130 c 16 a to-220ab ins t c = 110 c i tsm non repetitive surge peak on-state current (full cycle sine wave, t j initial = 25 c) f = 60 hz t = 16.7 ms 170 a f = 50 hz t = 20 ms 160 i2t i2t value for fusing tp = 10 ms 128 a 2 s di/dt critical rate of rise of on-state current i g = 2xi gt , tr 100 ns f = 120 hz t j = 150 c 50 a/s v dsm /v rsm non repetitive surge peak off state voltage t j = 25 c 700 v i gm peak gate current t p = 20 s t j = 150 c 4 a p g(av) average gate power dissipation t j = 150 c 1 w t stg t j storage junction temperature range operating junction temperature range -40 to +150 -40 to +150 c table 2. electrical characteristics (t j = 25 c, unless otherwise specified) symbol test conditions quadrant value unit i gt (1) v d = 12 v, r l = 33 ? ii - iii max 35 ma v gt ii - iii max 1.3 v v gd v d = v drm , r l =3.3 k ? ii - iii min 0.15 v i h (2) i t = 100 ma max 35 ma i l i g = 1.2 x i gt i - iii max 50 ma ii 80 dv/dt (2) v d = 67% v drm , gate open, t j = 150 c min 300 v/s (di/dt)c (2) without snubber, t j = 150 c min 7.1 a/ms 1. minimum i gt is guaranteed at 5% of i gt max 2. for both polarities of a2 referenced to a1 obsolete product(s) - obsolete product(s) t1635h series characteristics 3/10 table 3. static electrical characteristics symbol test conditions value unit v tm (1) i tm = 22.5 a, t p = 380 s tj = 25 c max 1.5 v v to (1) tj = 150 c max 0.80 v r d (1) tj = 150 c max 23 m ? i drm i rrm v drm = v rrm tj = 25 c max 5a tj = 150 c 6.4 ma v d /v r = 400 v (at peak mains voltage) tj = 150 c 4.2 1. for both polarities of a2 referenced to a1 table 4. thermal resistance symbol parameter value unit r th (j-c) junction to case (ac) d 2 pa k to-220ab 1.2 c/w to-220ab ins 2.1 r th (j-a) junction to ambient s cu = 1 cm2 d 2 pa k 4 5 to-220ab to-220ab ins 60 figure 1. maximum power dissipation vs rms on-state current (full cycle) figure 2. rms on-state current vs case temperature (full cycle) 0 2 4 6 8 10 12 14 16 18 0246810121416 p(w) =180 180 i t(rms) (a) 0 2 4 6 8 10 12 14 16 18 0 25 50 75 100 125 150 i t(rms) (a) =180 to-220ab insulated to-220ab/d2pak t c (c) obsolete product(s) - obsolete product(s) characteristics t1635h series 4/10 figure 3. rms on-state current vs ambient temperature, pcb fr4, e cu = 35 m figure 4. relative variation of thermal impedance vs pulse duration 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 0 25 50 75 100 125 150 i t(rms) (a) =180 d2pak s cu =1 cm2 t amb (c) 1.e-03 1.e-02 1.e-01 1.e+00 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 k=[z th /r th ] z th(j-a) z th(j-c) t p (s) figure 5. relative variation of gate trigger current, holding current and latching current vs junction temperature (typical values) figure 6. surge peak on-state current vs number of cycles 0.0 0.5 1.0 1.5 2.0 2.5 -40 -20 0 20 40 60 80 100 120 140 160 i gt ,i h ,i l [t j ]/i gt ,i h ,i l [t j =25c] i gt i h & i l t j (c) 0 20 40 60 80 100 120 140 160 180 1 10 100 1000 i tsm (a) non repetitive t j initial=25 c repetitive t c =113 c one cycle t=20ms number of cycles figure 7. non repetitive surge peak on-state current (sinusoidal pulse width tp<10 ms) and corresponding value of i2t figure 8. on-state characteristics (maximum values) 100 1000 10000 0.01 0.10 1.00 10.00 i tsm (a), i2t (a2s) tj initial=25 c di/dt limitation: 50 a/s i tsm i2t t p (ms) 1 10 100 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 i tm (a) t j =25 c t j =150 c t j max. : v t0 = 0.80 v r d = 23 mw v tm (v) obsolete product(s) - obsolete product(s) t1635h series characteristics 5/10 figure 9. relative variation of critical rate of decrease of main current (di/dt)c versus junction temperature figure 10. relative variation of critical rate of decrease of main current (di/dt)c vs reapplied dv/dt (typical values) 0 1 2 3 4 5 6 7 8 25 50 75 100 125 150 (di/dt) c [t j ]/(di/dt) c [t j =150c] t j (c) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0.1 1.0 10.0 100.0 (di/dt) c [(dv/dt) c ] / specified (di/dt) c dv/dt (v/s) figure 11. variation of thermal resistance, junction to ambient versus copper surface under tab (pcb fr4, e cu 35 m) figure 12. leakage current versus junction temperature for different values of blocking voltage (typical values) figure 13. acceptable repetitive peak off-state voltage versus case- ambient thermal resistance 0 10 20 30 40 50 60 70 80 0 5 10 15 20 25 30 35 40 r th(j-a) (c/w) d2pak s cu (cm2) 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 50 75 100 125 150 i drm /i rrm (ma) v drm =v rrm =400 v v drm =v rrm =400 v v drm =v rrm =600 v v drm =v rrm =600 v v drm =v rrm =200 v v drm =v rrm =200 v t j (c) 0 1 2 3 4 5 6 7 8 9 10 300 350 400 450 500 550 600 r th(c-a) (c/w) r th(j-c) =1.2 c/w t j =150 c v drm /v rrm (v) obsolete product(s) - obsolete product(s) ordering information scheme t1635h series 6/10 2 ordering information scheme t 16 35 h - 600 i (-tr) triac series high temperature voltage package packing mode current sensitivity 16 = 16 a 35 = 35 ma blank = tube (d pak) d pak) 600 = 600 v g = d pak i = to-220ab ins t = to-220ab -tr = tape and reel ( rg = tube (to-220ab) 2 2 2 obsolete product(s) - obsolete product(s) t1635h series package information 7/10 3 package information table 5. to-220ab and to-220ab insulated dimensions ref. dimensions millimeters inches min. typ. max. min. typ. max. a 15.20 15.90 0.598 0.625 a1 3.75 0.147 a2 13.00 14.00 0.511 0.551 b 10.00 10.40 0.393 0.409 b1 0.61 0.88 0.024 0.034 b2 1.23 1.32 0.048 0.051 c 4.40 4.60 0.173 0.181 c1 0.49 0.70 0.019 0.027 c2 2.40 2.72 0.094 0.107 e 2.40 2.70 0.094 0.106 f 6.20 6.60 0.244 0.259 ?i 3.75 3.85 0.147 0.151 i4 15.80 16.40 16.80 0.622 0.646 0.661 l 2.65 2.95 0.104 0.116 l2 1.14 1.70 0.044 0.066 l3 1.14 1.70 0.044 0.066 m 2.60 0.102 c b2 c2 f ? i l a a1 a2 b e b1 i4 l3 l2 c1 m obsolete product(s) - obsolete product(s) package information t1635h series 8/10 figure 14. d 2 pak footprint (dimensions in mm) in order to meet environmental requirements, st offers these devices in ecopack? packages. these packages have a lead-free second level interconnect . the category of second level interconnect is marked on the package and on the inner box label, in compliance with jedec standard jesd97. the maximum ratings related to soldering conditions are also marked on the inner box label. ecopack is an st trademark. ecopack specifications are available at: www.st.com. table 6. d 2 pak mechanical data ref. dimensions millimeters inches min. max. min. max. a 4.40 4.60 0.173 0.181 a1 2.49 2.69 0.098 0.106 a2 0.03 0.23 0.001 0.009 b 0.70 0.93 0.027 0.037 b2 1.14 1.70 0.045 0.067 c 0.45 0.60 0.017 0.024 c2 1.23 1.36 0.048 0.054 d 8.95 9.35 0.352 0.368 e 10.00 10.40 0.393 0.409 g 4.88 5.28 0.192 0.208 l 15.00 15.85 0.590 0.624 l2 1.27 1.40 0.050 0.055 l3 1.40 1.75 0.055 0.069 m 2.40 3.20 0.094 0.126 r 0.40 typ. 0.016 typ. v2 0 8 0 8 g l l3 l2 b b2 e 2mm min. flat zone a c2 d r a2 v2 c a1 16.90 10.30 8.90 3.70 5.08 1.30 obsolete product(s) - obsolete product(s) t1635h series ordering information 9/10 4 ordering information 5 revision history part number marking package weight base qty packing mode t1635h-600g t1635h-600g d 2 pak 1.5 g 50 tube T1635H-600G-TR t1635h-600g d 2 pak 1.5 g 1000 tape and reel t1635h-600trg t1635h-600t to-220ab 2.3 g 50 tube t1635h-600irg t1635h-600i to-220ab ins 2.3 g 50 tube date revision changes 31-aug-2006 1 initial release obsolete product(s) - obsolete product(s) t1635h series 10/10 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2006 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com obsolete product(s) - obsolete product(s) |
Price & Availability of T1635H-600G-TR |